PART |
Description |
Maker |
UMA130A UMA120CA UMA12CA UMA11CA UMA120A UMA150A U |
ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V 500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Microsemi, Corp.
|
SMLJ6.5 SMLJ7.5A SMLJ6.0A SMLJ6.5A SMLJ8.0 SMLJ8.5 |
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 740740201 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Micro Commercial Components Corp. Micro Commercial Components, Corp. Micro Commercial Compon...
|
SA70A SA15A SA90A SA40A SA150CA SA6.5CA SA5.0CA SA |
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS 55SS Series Series Unipolar Hall-Effect Digital Position Sensor Ceramic Multilayer Capacitor; Capacitance:33pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor for 250VAC; UL-60950-1 / CSA C22.2 certified; 5.2kVDC Isolation for 1 Minute; Optional Continuous Short Circuit Protected; 2 Chamber Transformer System ; Capacitance:2200pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:1000V; Dielectric Characteristic:X7R; Package/Case:1206; Series:VJ RES 412 OHM 1/10W .5% 0805 SMD SENSOR DI-MAG SPEED 500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp. Electronics Industry Public Company Limited Micro Commercial Compon...
|
STPS200170TV1 |
100 A, 170 V, SILICON, RECTIFIER DIODE High voltage power Schottky rectifier
|
STMICROELECTRONICS[STMicroelectronics]
|
1SMB6.5CA 1SMB8.5CA 1SMB6.0CA 1SMB8.0CA 1SMC50A 1S |
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS PT 1.5/ 7-3.5-V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS 600 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.5V,双向玻璃钝化节点瞬变电压抑制 PT 1.5/14-3.5-V Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 5.0 THRU 170 VOLTS BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS/ 5.0 THRU 170 VOLTS Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(??ぇ???宸ヤ??靛?3V,????荤???????????靛??????
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp. Central Semiconductor C...
|
SMBJ26A SMBJ7.5 SMBJ28 SMBJ8.5 SMBJ24C SMBJ22C SMB |
Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 16-CDIP -55 to 125 CMOS Strobed Hex Inverter/Buffer with 3-State Outputs 16-SO -55 to 125 High Speed CMOS Logic Octal Inverting Transparent Latch with 3-State Outputs 20-CDIP -55 to 125 High Speed CMOS Logic Analog Multiplexers/Demultiplexers 16-CDIP -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-CDIP -55 to 125 High Speed CMOS Logic Dual Binary Up-Counter 16-CDIP -55 to 125 CMOS Dual Binary Up-Counter 16-CDIP -55 to 125 Replaced by VFC320 : Synchronized Voltage-To-Frequency Converter 16-CDIP 12-bit, 25 MSPS 1-Channel AFE for CCD Sensors with Fixed TG 96-BGA MICROSTAR JUNIOR Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA CMOS Presettable BCD Up/Down Counter 16-TSSOP -55 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA Octal D-Type Flip-Flops with 3-State Outputs 20-CDIP -55 to 125
|
Micro Commercial Compon... http:// Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
SMF18A SMF18A-TP SMF18CA SMF18CA-TP SMF170A SMF170 |
200 W, UNIDIRECTIONAL, SILICON, TVS DIODE 200 W, BIDIRECTIONAL, SILICON, TVS DIODE 200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
|
Micro Commercial Components Micro Commercial Compon...
|
FP34-170 |
FP34-170
|
TRIAD MAGNETICS
|
SF1088A |
170.6 MHz SAW Filter
|
RFM[RF Monolithics, Inc]
|
AD9430 |
12-Bit, 170 MSPS 3.3V A/D Converter
|
AD
|
BSS110E6288 BSS110E6296 BSS110E6325 |
170 mA, 50 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SIEMENS A G INFINEON TECHNOLOGIES AG
|
|